this drawing is the property of raf. it contains confidential, proprietary information that is raf property. do not disclose to or duplicate for others except as authorized by raf. tolerances all dimensions are inches (unless otherwise specified) metallic lengths =: 6 inches 0.005 length >: 6 inches 0.010 diameters: 0.005 non-metallic length: 0.010 diameters: 0.010 internal threads: minimum thread depth scale sheet 1 of 1 rev date drn chk change sj t drawn 1/4 [6.35] hex 1/4 [6.35] 1? threads max. to minor dia. 3/8 [9.53] 0.875 [22.23] 1/4 hex male female standoffs 4540-632-AL n.t.s. 95 silvermine rd.,seymour ct 06483 tel: 203-888-2133, fax: 203-888-9860 02/08/17 component standoffs notes: 1. material : aluminum 2. finish : no plate 3. asme y14.5m - 2009 4. all drawing dimensions are in inches [mm] 5. unless otherwise specified; edge breaks, radii or countersinks 0.005-0.015 thread 6-32 unc 2b thread 6-32 unc 2a
|